Part Number Hot Search : 
SY10H351 337M00 VTX1100 E170A ABM10 MAC210A6 TEA1014 0GK16
Product Description
Full Text Search
 

To Download 62C64-1100EC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Eurosocket
Type C (Rows A & C, A & B or A, B & C Filled) 62CXX Series
S S S S S DIN 41612 compatible High density (64 & 96 position) Mates with DIN 41612 Type C headers High reliability contact design Can be daisy-chained or end terminated to flat cable S Optional strain relief with handle S Individual connector coding with 3435-1 keying plug
Date Modified: February 19, 1999
41
TS-0813-01 Sheet 1 of 4
Physical
Insulation Material: Flammability: Color: Contact Material: Plating Underplate: Wiping Area: Glass Filled Polyester (PBT) UL 94V-0 Gray Copper Alloy
50 [ 1.27 m ] Nickel--QQ-N-290, Class 2 20 [ 0.50 m ] Gold--MIL-G-45204, Type II, Grade C (For additional plating options see Ordering Information) Marking: 3M Logo, Part Identification & Contact Position Numbers Wire Accommodation: Stranded or Solid: 26 & 28 AWG, Solid: 30 AWG
Electrical
Current Rating: 1 A Insulation Resistance: >1 X 10 at 500 Vdc Withstanding Voltage: 1000 Vrms at Sea Level
Environmental
Temperature Rating: -55C to +125C
UL File No.: E68080
3M Interconnect Solutions Division
6801 River Place Blvd. Austin, TX 78726-9000 For technical, sales or ordering information call 800-225-5373
Eurosocket
Type C (Rows A & C, A & B or A, B & C Filled)
86.10 [ 3.390 ]
62CXX Series
6.80 [ .268 ]
Material: Steel
86.4 [ 3.40 ]
10.60 [ .417 ]
10.95 [ .431 ] 1.27 Ref [ .050 ] Non-Conductive Transfer Adhesive with Liner
1.27 Ref [ .050 ] 11.60 [ .457 ]
Optional Mounting Flange (See Order Information)
9.50 [ .347 ]
9.54 [ .376 ] 6.75 [ .266 ] 8.51 [ .335 ] Position 32 Without Mounting Flange 10.60 [ .417 ]
1.00 [ .039 ] C1 B1
85.00 [ 3.346 ] 90.0 [ 3.54 ]
5.08 [ .200 ] Ref A1
2.54 [ .100 ] Ref Break Off Tab 5.0 [ .20 ] With Mounting Flange
8.51 [ .335 ]
(R) (R)
Keying Tab (4) 3435-1000 Keying Plug (Optional: Order Separately)
mm [Inch] Tolerance Unless Noted .0 mm .3 .00 .13 .000
Note: 1. Position B1 & C1 is terminated to the first conductor of the ribbon cable.
[ ] Dimensions for Reference only
Ordering Information Socket 62C64-1X0XXX
Row of Contacts: 0 = A and B 1 = A and C Mounting Flange Style: 0 = without 1 = with Optional Plating: ED = 50 [ 1.27 m ] EC = 30 [ 0.76 m ] EF = 20 [ 0.50 m ] EJ = 5 [ 0.13 m ]
Strain Relief (Order Separately) 3448-6201
TS-0813-01 Sheet 2 of 4
3M Interconnect Solutions Division
6801 River Place Blvd. Austin, TX 78726-9000 For technical, sales or ordering information call 800-225-5373
Eurosocket
Type C (Rows A & C, A & B or A, B & C Filled)
86.10 [ 3.390 ]
62CXX Series
6.80 [ .268 ]
Material: Steel
86.4 [ 3.40 ]
10.60 [ .417 ]
10.95 [ .431 ] .847 Ref [ .033 ] .847 Ref [ .033 ] 11.60 [ .457 ] 6.75 [ .266 ] Without Mounting Flange Position 32 10.60 [ .417 ] 8.51 [ .335 ] Non-Conductive Transfer Adhesive with Liner Optional Mounting Flange (See Order Information) 9.50 [ .347 ]
9.54 [ .376 ]
1.00 [ .039 ]
85.00 [ 3.346 ] 90.0 [ 3.54 ]
C1
5.08 [ .200 ] Ref A1
2.54 [ .100 ] Ref Break Off Tab 5.0 [ .20 ]
With Mounting Flange
8.51 [ .335 ]
(R) (R)
Keying Tab (4) 3435-1000 Keying Plug (Optional: Order Separately) Note: 1. Position C1 is terminated to the first conductor of the ribbon cable.
mm [Inch] Tolerance Unless Noted .0 mm .3 .00 .13 .000
[ ] Dimensions for Reference only
Ordering Information Socket 62C96-120XXX
Mounting Style: 0 = without Mounting Flange 1 = with Mounting Flange Optional Plating: ED = 50 [ 1.27 m ] EC = 30 [ 0.76 m ] EF = 20 [ 0.50 m ] EJ = 5 [ 0.13 m ]
Strain Relief (Order Separately) 3448-6201
TS-0813-01 Sheet 3 of 4
3M Interconnect Solutions Division
6801 River Place Blvd. Austin, TX 78726-9000 For technical, sales or ordering information call 800-225-5373
Eurosocket
Type C (Rows A & C, A & B or A, B & C Filled) 62CXX Series
78.74 [ 3.100 ] 2.54 [ .100 ]
7.96 [ .313 ]
Minimum spacing between adjacent groups of posts when using a strain relief
86.7 [ 3.41 ] 7.62 Minimum spacing [ .300 ] between adjacent groups of posts 5.08 [ .200 ] Recommended Post Pattern Minimum space required for connector and cable
8.2 [ .32 ]
0.70 X 0.6 [ .028 X .024 ] Rectangular Post (Nominal)
or
0.63 X 0.63 [ .025 X .025 ] Square Post (Nominal)
4.20 Min [ .165 ]
mm [Inch] Tolerance Unless Noted .0 mm .3 .00 .13 .000
[ ] Dimensions for Reference only
Note: 1. Ends of posts to be located within 0.25 [ .01 ] TPD at post end.
TS-0813-01 Sheet 4 of 4
3M Interconnect Solutions Division
6801 River Place Blvd. Austin, TX 78726-9000 For technical, sales or ordering information call 800-225-5373


▲Up To Search▲   

 
Price & Availability of 62C64-1100EC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X